PART |
Description |
Maker |
MC14536 MC14536B MC14536BCP MC14536BDW MC14536BDWR |
Programmable Timer Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP DIVIDE BY N COUNTER, PDIP16
|
ONSEMI[ON Semiconductor]
|
P8254 82C54 IS82C54 IS82C54-12 IS82C54-10 CP82C54 |
CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PQCC28 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, CDIP24 CMOS Programmable Interval Timer 3 TIMER(S), PROGRAMMABLE TIMER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
MC14536BDWR2G MC14536BFELG |
Programmable Timer 1 TIMER(S), PROGRAMMABLE TIMER, PDSO16 Programmable Timer 4000/14000/40000 SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16
|
Rectron Semiconductor
|
EFRQ1200480R40-026 EFRQ600240R40-026 EFRQ1200480D5 |
CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP T&R Single Event Hardened High-Speed, Dual Output PWM; Temperature Range: -55°C to 125°C; Package: 16-SBDIP General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 14-PDIP CMOS Octal Bus Transceiver; Temperature Range: -40°C to 85°C; Package: 20-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-PLCC T&R General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-SOIC General Purpose Timers; Temperature Range: -40°C to 85°C; Package: 8-PDIP General Purpose Timers; Temperature Range: -55°C to 125°C; Package: 14-CerDIP CMOS Programmable Interval Timer; Temperature Range: -40°C to 85°C; Package: 24-CerDIP CMOS 8-Bit/16-Bit Microprocessor; Temperature Range: -40°C to 85°C; Package: 40-PDIP CMOS Priority Interrupt Controller; Temperature Range: -40°C to 85°C; Package: 28-CerDIP CMOS Programmable Peripheral Interface; Temperature Range: -40°C to 85°C; Package: 44-MQFP
|
Honeywell International, Inc. Air Cost Control
|
HS-82C54RH HS1-82C54RH HS1-82C54RH-8 HS1-82C54RH-Q |
From old datasheet system Radiation Hardened CMOS Programmable Interval Timer Radiation Hardened CMOS RProgrammable Interval TimerS
|
INTERSIL[Intersil Corporation]
|
HS9-82C54RH-8 |
3 TIMER(S), PROGRAMMABLE TIMER, CDFP24
|
HARRIS SEMICONDUCTOR
|
CD4541L-S14-R CD4541L-S14-T CD4541L-D14-T CD4541G- |
PROGRAMMABLE TIMER
|
Unisonic Technologies
|
CD4541-D14-T |
PROGRAMMABLE TIMER
|
Unisonic Technologies
|
HT13R90 |
40-Bit Programmable Timer
|
Holtek Semiconductor Inc
|